Part Number Hot Search : 
DTR2G 25A08 5N05E SPB80 UGRA10D M050B 14010 56GP206
Product Description
Full Text Search
 

To Download CC4850E3U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  evolution dual series ? 25a & 50a output rating per channel @ 40c ? 24 to 280 & 48 to 600vac operating voltage ? 4-15, 15-32 & 4-32vdc control input options ? four input termination options ? zero-crossing (resistive loads) or random-fire (inductive loads) output ? input status led indicator for each channel ? available with ip20 ?touch-safe? covers ? 100k cycle ul508 endurance rating product selection control voltage 240v,25a 240v, 50a 480v, 25a 480v, 50a 4-15 vdc cd2425d1u cd2450d1u cd4825d1u cd4850d1u 15-32vdc cd2425e1u cd2450e1u cd4825e1u cd4850e1u 4-32 vdc cd2425w1u cd2450w1u cd4825w1u cd4850w1u available options output specifications (1) description cx2425xxxx cx2450xxxx cx4825xxxx cx4850xxxx operating voltage (47-63hz) [vrms] 24-280 24-280 48-600 48-600 load current range (3) [arms] 0.15-25 0.15-50 0.15-25 0.15-50 transient overvoltage [vpk] 600 600 1200 1200 maximum off-state leakage current @ rated voltage [marms] 1.0 1.0 1.0 1.0 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 500 maximum surge current 60hz (16.6ms) [apk] 300 750 300 750 maximum surge current 50hz (20ms) [apk] 275 710 275 710 maximum on-state voltage drop @ rated current [vpk] 1.3 1.3 1.3 1.3 thermal resistance juncti on to case (rjc) [c/w] 0.65 0.33 0.65 0.33 maximum i2t for fusing (8.3 msec) [a2 sec] 370 2320 370 2320 maximum i2t for fusing (10 msec) [a2 sec] 380 2520 380 2520 minimum power factor (with maximum load) 0.5 0.5 0.5 0.5
input specifications (1) description cxxxdxxx cxxxexxx cxxxwxxx control voltage range 4-15 vdc 15-32 vdc 4-32 vdc minimum turn-on voltage 4 vdc 15 vdc 4 vdc minimum turn-off voltage 1 .0 vdc 1 .0 vdc 1 .0 vdc typical input current 16 ma @ 5 vdc 18 ma @ 24 vdc 10 ma @ 12 vdc nominal input impedance 300 ohm 1500 ohm see note 5 maximum turn-on time [msec] (4) 1/2 cycle 1/2 cycle 1/2 cycle maximum turn-off time [msec] 1/2 cycle 1/2 cycle 1/2 cycle general specifications description parameters dielectric strength, input/output (50/60hz) 4000 vrms dielectric strength, input/output/base (50/60hz) 2500 vrms minimum insulation resistance (@ 500 v dc) 10 9 ohm maximum capacitance, input/output 10 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c weight (typical) 3.0 oz (86.5 g) terminals screw type output: 8-32 max. torque output: 20 in lb (2.2nm) max. wire size output:2 x awg 8 (3.8mm) general notes 1) all parameters at 25c and per section unless otherwise specif ied. 2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 3) h eat sinking required, see derating curves. 4) turn-on time f or random turn-on (r) versions is 0.1 msec. 5) input circuit incorporates active current limitation
mechanical specifications
thermal derate information agency approvals e116950 rev. 111810

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of CC4850E3U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X